Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HH-110 Datasheet (PDF) - Tyco Electronics

HH-110 Datasheet PDF - Tyco Electronics
Part # HH-110
Download  HH-110 Download
File Size   85.3 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Hybrid Junction 10 - 500 MHz

HH-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-110 Datasheet PDF - Tyco Electronics

Part # HH-110
Download  HH-110 Click to download

File Size   85.3 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Hybrid Junction 10 - 500 MHz

HH-110 Datasheet (HTML) - Tyco Electronics


HH-110 Product details

Description
3 dB Hybrids are ideal for dividing a signal into two signals of equal amplitude and a constant 90° or 180° phase differential and for Quadrature combining or performing summation/differential combining.

Features
• Broad Frequency Range
• Fully Hermetic Package (HHS-110)
• High Isolation: Typically 30 dB
• Impedance: 50 Ohms Nominal
• Input Power: 1 Watt Maximum
• MIL-STD-202 Screening Available




Similar Part No. - HH-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-110 MACOM-HH-110 Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
logo
Tyco Electronics
HH-110PIN MACOM-HH-110PIN Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-110PIN MA-COM-HH-110PIN Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
More results


Similar Description - HH-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
Hybrid Junction 20 - 300 MHz
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
HH-105 MACOM-HH-105_1 Datasheet
122Kb / 2P
Hybrid Junction, 20 - 300 MHz
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
Hybrid Junction, 20 - 300 MHz
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com