Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW610B-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4SW610B-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4SW610B-1
Download  MA4SW610B-1 Download
File Size   115.66 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz

MA4SW610B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SW610B-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4SW610B-1
Download  MA4SW610B-1 Click to download

File Size   115.66 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz

MA4SW610B-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4SW610B-1 Product details

Description
The MA4SW610B-1 device is a SP6T broadband switch with integrated bias network utilizing MACOMs HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in low loss, low dispersion glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices low loss and high isolation performance with exceptional repeatability through low millimeter frequencies. Large bond pads facilitate the use of low inductance ribbon bonds, while gold backside metallization allows for manual or automatic chip bonding via 80/20 - Au/Sn, 62/36/2 - Sn/Pb/Ag solders or electrically conductive silver epoxy.
These high performance switches are suitable for use in multi-band ECM, Radar, and instrumentation control circuits where high isolation to insertion loss ratios are required. With a standard +5 V / -5 V, TTL controlled PIN diode driver, 80 ns switching speeds can be achieved.

Features
• Broad Bandwidth Specified up to 18 GHz
• Integrated Bias Network
• Low Insertion Loss / High Isolation
• Rugged, Glass Encapsulated Construction
• Fully Monolithic
• RoHS* Compliant




Similar Part No. - MA4SW610B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
More results


Similar Description - MA4SW610B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
SP5T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
SP6T PIN Diode Switch with Integrated Bias Network
MASW-004102-12760 MA-COM-MASW-004102-12760_14 Datasheet
975Kb / 6P
Silicon SP4T PIN Diode Switch with Integrated Bias Network
MASW-005102-13600 MA-COM-MASW-005102-13600 Datasheet
720Kb / 6P
Silicon SP5T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com