Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSG3D35141R Datasheet (PDF) - OptoSupply International

OSG3D35141R Datasheet PDF - OptoSupply International
Part # OSG3D35141R
Download  OSG3D35141R Download
File Size   96.47 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 5mm Bluish Green LED

OSG3D35141R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSG3D35141R Datasheet PDF - OptoSupply International

Part # OSG3D35141R
Download  OSG3D35141R Click to download

File Size   96.47 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 5mm Bluish Green LED

OSG3D35141R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSG3D35141R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3D356E1R OPTOSUPPLY-OSG3D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Bluish Green LED
More results


Similar Description - OSG3D35141R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3D3A151R OPTOSUPPLY-OSG3D3A151R Datasheet
96Kb / 1P
Tpower 10mm Bluish Green LED
OSG3D38A61R OPTOSUPPLY-OSG3D38A61R Datasheet
97Kb / 1P
Tpower 8mm Bluish Green LED
OSG3D356E1R OPTOSUPPLY-OSG3D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Bluish Green LED
OSG3DS5A31A OPTOSUPPLY-OSG3DS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Bluish Green LED
OSG5D35141R OPTOSUPPLY-OSG5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pure Green LED
OSG5XA5141R OPTOSUPPLY-OSG5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Pure Green LED
OSR5XA5141R OPTOSUPPLY-OSR5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Red LED
OSG3835141R OPTOSUPPLY-OSG3835141R Datasheet
137Kb / 1P
Tpower 5mm Round Bluish Green LED
OSG5835141R OPTOSUPPLY-OSG5835141R Datasheet
137Kb / 1P
Tpower 5mm Round Pure Green LED
OSG3DA5C31A-VW OPTOSUPPLY-OSG3DA5C31A-VW Datasheet
109Kb / 1P
5mm Bluish Green LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com