Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5307 Datasheet (PDF) - Toshiba Semiconductor

2SC5307 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5307
Download  2SC5307 Download
File Size   132.83 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)

2SC5307 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5307 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5307
Download  2SC5307 Click to download

File Size   132.83 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)

2SC5307 Datasheet (HTML) - Toshiba Semiconductor


2SC5307 Product details

High Voltage Switching Applications

• High breakdown voltage : VCEO = 400 V
• Low collector-emitter saturation voltage : VCE (sat) = 0.4 V (typ.) (IC = 20 mA, IB = 0.5 mA)




Similar Part No. - 2SC5307

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5307 TOSHIBA-2SC5307 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SC5307

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3138 TOSHIBA-2SC3138 Datasheet
168Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5201 TOSHIBA-2SC5201 Datasheet
77Kb / 1P
NPN TRIPLE DIFFUSED MESA TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SD1409A TOSHIBA-2SD1409A Datasheet
173Kb / 3P
NPN TRIPLE DIFFUSED TYPE (IGNITER, HIGH VOLTAGE SWITCHING APPLICATIONS)
2SD1410A TOSHIBA-2SD1410A Datasheet
163Kb / 3P
NPN TRIPLE DIFFUSED TYPE (IGNITER, HIGH VOLTAGE SWITCHING APPLICATIONS)
2SD1525 TOSHIBA-2SD1525 Datasheet
167Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SD1662 TOSHIBA-2SD1662 Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC5201 TOSHIBA-2SC5201_06 Datasheet
99Kb / 3P
Silicon NPN Triple Diffused Mesa Type High-Voltage Switching Applications
2SC5208 TOSHIBA-2SC5208 Datasheet
167Kb / 5P
Silicon NPN Triple Diffused Type High-Voltage Switching Applications
2SC5351 TOSHIBA-2SC5351_06 Datasheet
136Kb / 5P
Silicon NPN Triple Diffused Type High-Voltage Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com