Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1525 Datasheet (PDF) - Toshiba Semiconductor

2SD1525 Datasheet PDF - Toshiba Semiconductor
Part # 2SD1525
Download  2SD1525 Download
File Size   167.88 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING APPLICATIONS)

2SD1525 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1525 Datasheet PDF - Toshiba Semiconductor

Part # 2SD1525
Download  2SD1525 Click to download

File Size   167.88 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING APPLICATIONS)

2SD1525 Datasheet (HTML) - Toshiba Semiconductor


2SD1525 Product details

High Current Switching Applications



•  High collector current: IC= 30 A

•  High DC current gain: hFE= 1000 (min) (VCE= 5 V, IC= 20 A)

•  Monolithic construction with built-in base-emitter shunt resistor.




Similar Part No. - 2SD1525

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1525 TOSHIBA-2SD1525 Datasheet
181Kb / 4P
High Current Switching Applications
logo
Inchange Semiconductor ...
2SD1525 ISC-2SD1525 Datasheet
242Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Toshiba Semiconductor
2SD1525 TOSHIBA-2SD1525_09 Datasheet
181Kb / 4P
High Current Switching Applications
More results


Similar Description - 2SD1525

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3138 TOSHIBA-2SC3138 Datasheet
168Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5307 TOSHIBA-2SC5307 Datasheet
132Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SD1411A TOSHIBA-2SD1411A Datasheet
184Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1412A TOSHIBA-2SD1412A Datasheet
184Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1662 TOSHIBA-2SD1662 Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SD2075A TOSHIBA-2SD2075A Datasheet
211Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2271 TOSHIBA-2SD2271 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
2SD2414 TOSHIBA-2SD2414 Datasheet
171Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD553 TOSHIBA-2SD553 Datasheet
216Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com