Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA09 Datasheet (PDF) - Cirrus Logic

PA09 Datasheet PDF - Cirrus Logic
Part # PA09
Download  PA09 Download
File Size   222.79 Kbytes
Page   6 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA09 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA09 Datasheet PDF - Cirrus Logic

Part # PA09
Download  PA09 Click to download

File Size   222.79 Kbytes
Page   6 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA09 Datasheet (HTML) - Cirrus Logic


PA09 Product details

DESCRIPTION
The PA09 is a high voltage, high output current operational amplifer optimized to drive a variety of loads from DC through the video frequency range. Excellent input accuracy is achieved with a dual monolithic FET input transistor which is cascoded by two high voltage transistors to provide outstanding common mode characteristics. All internal current and voltage levels are referenced to a zener diode biased on by a current source. As a result, the PA09 exhibits superior DC and AC stability over a wide supply and temperature range.

FEATURES
• POWER MOS TECHNOLOGY — 2A peak rating
• HIGH GAIN BANDWIDTH PRODUCT — 150MHz
• VERY FAST SLEW RATE — 200V/µs
• PROTECTED OUTPUT STAGE — Thermal shutoff
• EXCELLENT LINEARITY — Class A/B output
• WIDE SUPPLY RANGE — ±12V to ±40V
• LOW BIAS CURRENT, LOW NOISE — FET input

APPLICATIONS
• VIDEO DISTRIBUTION AND AND AMPLIFICATION
• HIGH SPEED DEFLECTION CIRCUITS
• POWER TRANSDUCERS TO 2MHz
• COAXIAL LINE DRIVERS
• POWER LED OR LASER DIODE EXCITATION




Similar Part No. - PA09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA09 APEX-PA09 Datasheet
281Kb / 5P
VIDEO POWER OPERATIONAL AMPLIFIERS
logo
Pulse A Technitrol Comp...
PA0901 PULSE-PA0901 Datasheet
631Kb / 4P
High Frequency Planar Transformers
PA0901NL PULSE-PA0901NL Datasheet
116Kb / 4P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0901NL PULSE-PA0901NL Datasheet
631Kb / 4P
High Frequency Planar Transformers
PA0903 PULSE-PA0903 Datasheet
631Kb / 4P
High Frequency Planar Transformers
More results


Similar Description - PA09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com