Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA50 Datasheet (PDF) - Cirrus Logic

PA50 Datasheet PDF - Cirrus Logic
Part # PA50
Download  PA50 Download
File Size   208.37 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA50 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA50 Datasheet PDF - Cirrus Logic

Part # PA50
Download  PA50 Click to download

File Size   208.37 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA50 Datasheet (HTML) - Cirrus Logic


PA50 Product details

DESCRIPTION
The PA50 is a MOSFET power operational amplifier that extends the performance limits of power amplifiers in slew rate and power bandwidth, while maintaining high current and power dissipation ratings.
Boost voltage inputs allow the small signal portion of the amplifier to operate at a higher voltage than the high current output stage. The amplifier is then biased to achieve close linear swings to the supply rails at high currents for extra efficient operation.

FEATURES
• HIGH INTERNAL DISSIPATION — 400 Watts
• HIGH CURRENT — 40A Continuous, 100A PEAK
• HIGH SLEW RATE — 50V/µs
• OPTIONAL BOOST VOLTAGE INPUTS

APPLICATIONS
• SEMI-CONDUCTOR TESTING




Similar Part No. - PA50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA50 APEX-PA50 Datasheet
215Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Pulse A Technitrol Comp...
PA5001 PULSE-PA5001 Datasheet
929Kb / 5P
High Current Composite Inductor
PA5001.101NLT PULSE-PA5001.101NLT Datasheet
929Kb / 5P
High Current Composite Inductor
PA5001.102NLT PULSE-PA5001.102NLT Datasheet
929Kb / 5P
High Current Composite Inductor
PA5001.122NLT PULSE-PA5001.122NLT Datasheet
929Kb / 5P
High Current Composite Inductor
More results


Similar Description - PA50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com