Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA60 Datasheet (PDF) - Cirrus Logic

PA60 Datasheet PDF - Cirrus Logic
Part # PA60
Download  PA60 Download
File Size   159.65 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA60 Datasheet PDF - Cirrus Logic

Part # PA60
Download  PA60 Click to download

File Size   159.65 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA60 Datasheet (HTML) - Cirrus Logic


PA60 Product details

DESCRIPTION

The amplifier design is a dual power op amp on a single monolithic die. This approach provides a cost-effective solution to applications where multiple amplifiers are required or a bridge configuration is needed. Very low harmonic distortion of 0.02% THD and low IQ makes the PA60 a good solution for low power audio applications such as laptops and computer speakers.



FEATURES

• RoHS COMPLIANT

• LOW COST

• WIDE BANDWIDTH - 1.1 Mhz

• HIGH OUTPUT CURRENT - 1A per amplifier

• WIDE COMMON MODE RANGE Includes negative supply

• WIDE SUPPLY VOLTAGE RANGE Single supply: 5V to

40V Split supplies: ± 2.5V to ± 20V

• LOW QUIESCIENT CURRENT

• VERY LOW DISTORTION



APPLICATIONS

• HALF AND FULL BRIDGE MOTOR DRIVERS

• AUDIO POWER AMPLIFIER

Stereo - 15.91W RMS per channel

Bridge - 31.82W RMS per 2 channels

• IDEAL FOR SINGLE SUPPLY SYSTEMS

5V - Peripherals

12V - Automotive

28V - Avionic




Similar Part No. - PA60

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA60 APEX-PA60 Datasheet
464Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
NEC
PA600XG NEC-PA600XG Datasheet
834Kb / 2P
NEC PA600XG Professional Installation Projector
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
MTRONPTI
PA6021 MTRONPTI-PA6021 Datasheet
343Kb / 2P
Suitable for all single channel modulations standards
logo
Unisonic Technologies
PA6021-D20-T UTC-PA6021-D20-T Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Similar Description - PA60

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA62 APEX-PA62 Datasheet
293Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com