Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA83 Datasheet (PDF) - Cirrus Logic

PA83 Datasheet PDF - Cirrus Logic
Part # PA83
Download  PA83 Download
File Size   205.96 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA83 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA83 Datasheet PDF - Cirrus Logic

Part # PA83
Download  PA83 Click to download

File Size   205.96 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA83 Datasheet (HTML) - Cirrus Logic


PA83 Product details

DESCRIPTION

The PA83 is a high voltage operational amplifier designed for output voltage swings up to ±145V with a dual (±) supply or 290V with a single supply. Its input stage is protected against transient and steady state overvoltages up to and including the supply rails. High accuracy is achieved with a cascode input circuit configuration. All internal biasing is referenced to a zener diode fed by a FET constant current source. As a result, the PA83 features an unprecedented supply range and excellent supply rejection. The output stage is biased in the class A/B mode for linear operation.



FEATURES

• LOW BIAS CURRENT, LOW NOISE — FET Input

• FULLY PROTECTED INPUT — Up to ±150V

• WIDE SUPPLY RANGE — ±15V to ±150V



APPLICATIONS

• HIGH VOLTAGE INSTRUMENTATION

• ELECTROSTATIC TRANSDUCERS & DEFLECTION

• PROGRAMMABLE POWER SUPPLIES UP TO 290V

• ANALOG SIMULATORS



 




Similar Part No. - PA83

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA83 APEX-PA83 Datasheet
261Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA83A APEX-PA83A Datasheet
261Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA83M APEX-PA83M Datasheet
64Kb / 1P
TABLE 4 GROUP A INSPECTION
PA83M CIRRUS-PA83M Datasheet
154Kb / 2P
Table 4 Group A Inspection
PA83M/883 CIRRUS-PA83M/883 Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Similar Description - PA83

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA62 APEX-PA62 Datasheet
293Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com