Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA69 Datasheet (PDF) - Cirrus Logic

PA69 Datasheet PDF - Cirrus Logic
Part # PA69
Download  PA69 Download
File Size   447.37 Kbytes
Page   9 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA69 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA69 Datasheet PDF - Cirrus Logic

Part # PA69
Download  PA69 Click to download

File Size   447.37 Kbytes
Page   9 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifier

PA69 Datasheet (HTML) - Cirrus Logic


PA69 Product details

DESCRIPTION
The PA69 is a high voltage, high speed, low idle current op-amp capable of delivering up to 100mA peak output current. Due to the dynamic biasing of the input stage, it can achieve slew rates over 350V/µs, while only consuming less than 1mA of idle current. External phase compensation allows great flexibility for the user to optimize bandwidth and stability.

FEATURES
♦ A Unique (Patent Pending) Technique for Very Low Quiescent Current
♦ Over 350 V/µs Slew Rate
♦ Wide Supply Voltage
    ♦ Single Supply: 20V To 200V
    ♦ Split Supplies: ± 10V To ± 100V
♦ Output Current – 75mA Cont.; 100mA Pk
♦ Up to 23 Watt Dissipation Capability
♦ Over 200 kHz Power Bandwidth

APPLICATIONS
♦ Piezoelectric Positioning and Actuation
♦ Electrostatic Deflection
♦ Deformable Mirror Actuators
♦ Chemical and Biological Stimulators




Similar Part No. - PA69

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA69 APEX-PA69 Datasheet
415Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA69 APEX-PA69 Datasheet
311Kb / 5P
POWER OPERATIONAL AMPLIFIER
PA69 APEX-PA69_07 Datasheet
311Kb / 5P
POWER OPERATIONAL AMPLIFIER
More results


Similar Description - PA69

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com