Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5386 Datasheet (PDF) - Toshiba Semiconductor

2SC5386 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5386
Download  2SC5386 Download
File Size   227.22 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)

2SC5386 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5386 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5386
Download  2SC5386 Click to download

File Size   227.22 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)

2SC5386 Datasheet (HTML) - Toshiba Semiconductor


2SC5386 Product details

HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV

HIGH SPEED SWITCHING APPLICATIONS





High Voltage  : VCBO= 1500 V

Low Saturation Voltage  : VCE (sat)= 3 V (Max.)

High Speed  : tf= 0.15 µs (Typ.)

Collector Metal (Fin) is Fully Covered with Mold Resin.












Similar Part No. - 2SC5386

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC5386 SAVANTIC-2SC5386 Datasheet
290Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5386 JMNIC-2SC5386 Datasheet
203Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5386 ISC-2SC5386 Datasheet
174Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5386 SAVANTIC-2SC5386 Datasheet
291Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC5386 NJSEMI-2SC5386 Datasheet
120Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - 2SC5386

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5149 TOSHIBA-2SC5149 Datasheet
193Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5280 TOSHIBA-2SC5280 Datasheet
235Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5339 TOSHIBA-2SC5339 Datasheet
230Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5387 TOSHIBA-2SC5387 Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5404 TOSHIBA-2SC5404 Datasheet
227Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5411 TOSHIBA-2SC5411 Datasheet
229Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5421 TOSHIBA-2SC5421 Datasheet
221Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2498 TOSHIBA-2SD2498 Datasheet
200Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com