Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSO5MS5A31A Datasheet (PDF) - OptoSupply International

OSO5MS5A31A Datasheet PDF - OptoSupply International
Part # OSO5MS5A31A
Download  OSO5MS5A31A Download
File Size   95.85 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Flashing Phoenix Orange LED

OSO5MS5A31A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSO5MS5A31A Datasheet PDF - OptoSupply International

Part # OSO5MS5A31A
Download  OSO5MS5A31A Click to download

File Size   95.85 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Round Flashing Phoenix Orange LED

OSO5MS5A31A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSO5MS5A31A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5MS5A31A OPTOSUPPLY-OSO5MS5A31A Datasheet
105Kb / 1P
5mm Round Flashing Phoenix Orange LED 1.8Hz 1/2 Duty Cycle
OSO5MS5A31A OPTOSUPPLY-OSO5MS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Phoenix Orange LED 1.8Hz 1/2 Duty Cycle
More results


Similar Description - OSO5MS5A31A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GS5A31A OPTOSUPPLY-OSO5GS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Giga Orange LED
OSO5MA5MC1B OPTOSUPPLY-OSO5MA5MC1B Datasheet
99Kb / 1P
5mm Concave Phoenix Orange LED
OSO5MA5111A OPTOSUPPLY-OSO5MA5111A Datasheet
100Kb / 1P
5mm Round Phoenix Orange LED
OSO5MA5111P OPTOSUPPLY-OSO5MA5111P Datasheet
112Kb / 1P
Deluxe Power 5mm Round Phoenix Orange LED
OSO5MS3131A OPTOSUPPLY-OSO5MS3131A Datasheet
96Kb / 1P
3mm Flashing Phoenix Orange LED
OSO5SS5A31A OPTOSUPPLY-OSO5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Orange LED
OSR5MS5A31A OPTOSUPPLY-OSR5MS5A31A Datasheet
96Kb / 1P
5mm Round Flashing Phoenix Red LED
OSO5M35141R OPTOSUPPLY-OSO5M35141R_09 Datasheet
137Kb / 1P
Tpower 5mm Round Phoenix Orange
OSO5MA57E1A OPTOSUPPLY-OSO5MA57E1A_09 Datasheet
139Kb / 1P
5mm Flat Phoenix Orange LED
OSO5MS5A31A OPTOSUPPLY-OSO5MS5A31A_11 Datasheet
105Kb / 1P
5mm Round Flashing Phoenix Orange LED 1.8Hz 1/2 Duty Cycle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com