Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5563 Datasheet (PDF) - Toshiba Semiconductor

2SC5563 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5563
Download  2SC5563 Download
File Size   81.08 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE KIFFUSED TYPE (DYNAMIC FOCUS APPLICATIONS)

2SC5563 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5563 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5563
Download  2SC5563 Click to download

File Size   81.08 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE KIFFUSED TYPE (DYNAMIC FOCUS APPLICATIONS)

2SC5563 Datasheet (HTML) - Toshiba Semiconductor


2SC5563 Product details

Dynamic Focus Applications



• High voltage: VCEO = 1500 V

• Small collector output capacitance: Cob = 2.0 pF (typ.) (VCB = 100 V)




Similar Part No. - 2SC5563

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5563 TOSHIBA-2SC5563 Datasheet
89Kb / 2P
Dynamic Focus Applications
2SC5563 TOSHIBA-2SC5563 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5563 TOSHIBA-2SC5563_04 Datasheet
89Kb / 2P
Dynamic Focus Applications
More results


Similar Description - 2SC5563

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52723ASP MITSUBISHI-M52723ASP Datasheet
101Kb / 17P
DYNAMIC FOCUS
logo
Toshiba Semiconductor
2SC4686 TOSHIBA-2SC4686 Datasheet
207Kb / 3P
NPN TRIPLE DIFFUSED PLANAR TYPE (TV DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING, AMPLIFIER APPLICATIONS)
2SC5359 TOSHIBA-2SC5359 Datasheet
150Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWERAMPLIFIER APPLICATIONS)
2SC5460 TOSHIBA-2SC5460 Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING, AMPLIFIER APPLICATIONS)
2SC5466 TOSHIBA-2SC5466 Datasheet
156Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING,AMPLIFIER APPLICATIONS)
2SD2440 TOSHIBA-2SD2440 Datasheet
168Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITHCING APPLICATIONS)
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
Dynamic Focus
logo
Toshiba Semiconductor
2SC5460 TOSHIBA-2SC5460_04 Datasheet
141Kb / 5P
Dynamic Focus Applications
2SC5466 TOSHIBA-2SC5466_04 Datasheet
129Kb / 4P
Dynamic Focus Applications
2SC5563 TOSHIBA-2SC5563_04 Datasheet
89Kb / 2P
Dynamic Focus Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com