Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2440 Datasheet (PDF) - Toshiba Semiconductor

2SD2440 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2440
Download  2SD2440 Download
File Size   168.03 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (SWITHCING APPLICATIONS)

2SD2440 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2440 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2440
Download  2SD2440 Click to download

File Size   168.03 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (SWITHCING APPLICATIONS)

2SD2440 Datasheet (HTML) - Toshiba Semiconductor


2SD2440 Product details

Switching Application



High breakdown voltage: VCBO = 100 V

                                 : VEBO = 18 V

Low saturation voltage: VCE (sat) = 1.2 V (max) (IC = 5 A, IB = 1 A)

High speed: tf = 1 µs (typ.) (IC = 5 A, IB = ±0.5 A)

High DC current gain: hFE = 200 (min) (VCE = 5 V, IC = 0.5 A)




Similar Part No. - 2SD2440

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2441 PANASONIC-2SD2441 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
logo
Guangdong Kexin Industr...
2SD2441 KEXIN-2SD2441 Datasheet
49Kb / 1P
Silicon NPN Epitaxial Planar Type
logo
Rohm
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
Power Transistor (15V, 1A)
logo
Guangdong Kexin Industr...
2SD2444K KEXIN-2SD2444K Datasheet
35Kb / 1P
Power Transistor
logo
Rohm
2SD2444K ROHM-2SD2444K Datasheet
74Kb / 3P
Power Transistor (15V, 1A)
More results


Similar Description - 2SD2440

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4688 TOSHIBA-2SC4688 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
01-Sep-1997
2SC5196 TOSHIBA-2SC5196 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5197 TOSHIBA-2SC5197 Datasheet
147Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5359 TOSHIBA-2SC5359 Datasheet
150Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWERAMPLIFIER APPLICATIONS)
2SD2155 TOSHIBA-2SD2155 Datasheet
153Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD2204 TOSHIBA-2SD2204 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITHCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
25-Dec-1997
2SD2353 TOSHIBA-2SD2353 Datasheet
181Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD2385 TOSHIBA-2SD2385 Datasheet
139Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
08-Sep-1998
2SD2461 TOSHIBA-2SD2461 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD526 TOSHIBA-2SD526 Datasheet
166Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com