Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWR200M Datasheet (PDF) - Cirrus Logic

SWR200M Datasheet PDF - Cirrus Logic
Part # SWR200M
Download  SWR200M Download
File Size   367.09 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Sine Wave Reference

SWR200M Datasheet (PDF)

Go To PDF Page Download Datasheet
SWR200M Datasheet PDF - Cirrus Logic

Part # SWR200M
Download  SWR200M Click to download

File Size   367.09 Kbytes
Page   4 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Sine Wave Reference

SWR200M Datasheet (HTML) - Cirrus Logic


SWR200M Product details

DESCRIPTION
SWR200 is a Precision Sine Wave Reference providing an ultra stable sine wave output of +7.071 V at ±0.5% initial accuracy and temperature coeffcient as low as 20 ppm/°C over the full military temperature range. The extreme accuracy is made possible by a chopper-based AGC circuit. The temperature characteristic of the chopper circuit compensates the typical nonlinearity of the internal DC zener reference, resulting in a nearly linear amplitude-temperature characteristic. Frequency of the SWR200 is programmable with two external capacitors.

FEATURES
♦ Very High Accuracy: +7.071 Vrms ±0.5%
♦ Extremely Low Drift: 20 ppm/°C (-55°C to +125°C)
♦ Excellent Stability: 10 ppm/1000 Hrs. Typical
♦ Low Distortion: 0.1% Thd @ f = 3300 Hz
♦ Hermetic 14-pin Ceramic DIP
♦ Military Processing Option

APPLICATIONS
♦ Transducer Excitation
♦ High Resolution Servo Systems
♦ High Precision Test and Measurement Instruments
♦ AC Voltage Standard
♦ LVDT Or RVDT Reference
♦ Multiplying D/A Reference




Similar Part No. - SWR200M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWR200M ETC1-SWR200M Datasheet
252Kb / 5P
Precision Sine Wave Reference
logo
Cirrus Logic
SWR200M CIRRUS-SWR200M Datasheet
750Kb / 5P
Precision Sine Wave Reference
More results


Similar Description - SWR200M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWR200 ETC1-SWR200 Datasheet
252Kb / 5P
Precision Sine Wave Reference
logo
Texas Instruments
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
Precision Digital Sine- Wave Generation with the TMS32010
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
Sine Wave Oscillators
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
Clipped Sine Wave
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
logo
Cirrus Logic
SWR200 CIRRUS-SWR200_10 Datasheet
750Kb / 5P
Precision Sine Wave Reference
logo
Oscilent Corporation
580 OSCILENT-580 Datasheet
144Kb / 2P
Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com