Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWR200M Datasheet(PDF) 2 Page - Cirrus Logic

Part # SWR200M
Description  Precision Sine Wave Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SWR200M Datasheet(HTML) 2 Page - Cirrus Logic

  SWR200M Datasheet HTML 1Page - Cirrus Logic SWR200M Datasheet HTML 2Page - Cirrus Logic SWR200M Datasheet HTML 3Page - Cirrus Logic SWR200M Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
SWR200
2
SWR200DS
1. ChaRaCTERISTICS aND SPECIFICaTIONS
ElECTRICal SPECIFICaTIONS
V
PS =±15V, T = +25°C, RL = 10kΩ UnLESS OTHERwISE nOTED.
Model
SWR200C
SWR200M
Parameter
Min
Typ
Max
Min
Typ
Max
units
aBSOluTE MaXIMuM RaTINGS
Power Supply
±13.5
±15
±22
*
*
*
V
Operating Temperature
-25
+85
-55
+125
ºC
Storage Temperature
-65
+85
*
*
ºC
Short Circuit Protection
Continuous
*
Vrms
OUTPUT VOLTAGE
7.071
*
V
OUTPUT VOLTAGE ERRORS
Initial Error
±0.05
*
%
Warmup Drift
100
*
µV
DC Offset
3
*
mV
DC Offset Over Temp.
3
18
*
*
µV/ ºC
T
MIn - TMAX
1
20.0
1
30.0
ppm/ ºC
Long-Term Stability
10
*
ppm/ ºC
OuTPuT CuRRENT
Range
±10
*
mA
REGulaTION
Line
10
*
ppm/V
Load
3
*
ppm/mA
POWER SuPPlY CuRRENTS
+PS
10.5
13
*
*
mA
-PS
9.5
13
*
*
mA
DISTORTION
0.5
*
%
FREQuENCY
Range (f) f =
10-5
C
1 C2
∆f
f
vs. temperature
.98
1
1.02
*
*
*
Hz
400
10k
*
*
Hz
15
*
ppm/ºC
Type
Output (Typ.)
Temperature
Operating Range
Package
SWR200C
+7.071V
-25°C to +85°C
DIP
SWR200M
+7.071V
-55°C to +125°C
DIP
SElECTION GuIDE
hermetic 14-pin Ceramic DIP
Package Style hC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com