Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1001 Datasheet (PDF) - fujitsu semiconductor

MB85R1001 Datasheet PDF - fujitsu semiconductor
Part # MB85R1001
Download  MB85R1001 Download
File Size   94.71 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Memory FRAM CMOS 1 M Bit (128 K 횞 8)

MB85R1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R1001 Datasheet PDF - fujitsu semiconductor

Part # MB85R1001
Download  MB85R1001 Click to download

File Size   94.71 Kbytes
Page   12 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Memory FRAM CMOS 1 M Bit (128 K 횞 8)

MB85R1001 Datasheet (HTML) - fujitsu semiconductor




Similar Part No. - MB85R1001

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R1001 FUJITSU-MB85R1001 Datasheet
136Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001 FUJITSU-MB85R1001 Datasheet
302Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
logo
RAMXEED LIMITED
MB85R1001A RAMXEED-MB85R1001A Datasheet
1Mb / 22P
1 M Bit (128 K x 8)
logo
fujitsu semiconductor
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (128 K 횞 8)
More results


Similar Description - MB85R1001

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85R2002 FUJITSU-MB85R2002 Datasheet
302Kb / 12P
Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com