Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1001A Datasheet (PDF) - RAMXEED LIMITED

MB85R1001A Datasheet PDF - RAMXEED LIMITED
Part # MB85R1001A
Download  MB85R1001A Download
File Size   1841.56 Kbytes
Page   22 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 1 M Bit (128 K x 8)

MB85R1001A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R1001A Datasheet PDF - RAMXEED LIMITED

Part # MB85R1001A
Download  MB85R1001A Click to download

File Size   1841.56 Kbytes
Page   22 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 1 M Bit (128 K x 8)

MB85R1001A Datasheet (HTML) - RAMXEED LIMITED


MB85R1001A Product details

DESCRIPTIONS
The MB85R1001A is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 131,072
words  8 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS
process technologies.
The MB85R1001A is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R1001A can be used for 1010 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R1001A uses a pseudo-SRAM interface.
FEATURES
Bit configuration : 131,072 words  8 bits
Read/write endurance : 1010 times / byte
Data retention : 10 years (  55 C), 55 years (  35 C)
Operating power supply voltage : 3.0 V to 3.6 V
Low power operation : Operating power supply current 10 mA (Typ)
Standby current 10 A (Typ)
Operation ambient temperature range :  40 C to  85 C
Package : 48-pin plastic TSOP
RoHS compliant




Similar Part No. - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (128 K 횞 8)
More results


Similar Description - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
1 M SRAM (128-kword x 8-bit)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
1 M SRAM (128-kword X 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
1 M SRAM (128-KWORD X 8 BIT)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
1 M VRAM (128-kword x 8-bit)
logo
fujitsu semiconductor
MB85R1001 FUJITSU-MB85R1001 Datasheet
136Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001 FUJITSU-MB85R1001_08 Datasheet
302Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (128 K 횞 8)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com