Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1001A Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB85R1001A
Description  1 M Bit (128 K x 8)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1001A Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB85R1001A Datasheet HTML 1Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 2Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MB85R1001A
DS501-00003-6v1-E
3
BLOCK DIAGRAM
FUNCTIONAL TRUTH TABLE
Note: L = VIL, H = VIH, X can be either H, L,
or
, Hi-Z = High Impedance
: Latch address and latch data at falling edge,
: Latch address and latch data at rising edge
*1 : OE control of the Pseudo-SRAM means the valid address at the falling edge of OE to read.
*2 : WE control of the Pseudo-SRAM means the valid address and data at the falling edge of WE to write.
Operation Mode
CE1
CE2
WE
OE
I/O1 to I/O8
Supply Current
Standby Precharge
H
X
X
X
Hi-Z
Standby
(ISB)
X
L
X
X
X
X
H
H
Read
H
H
L
Data Output
Operation
(IDD)
L
Read
(Pseudo-SRAM, OE control*1)
L
H
H
Write
H
L
H
Data Input
L
Write
(Pseudo-SRAM, WE control*2)
L
H
H
I/O8
I/O1
A0
A16
FeRAM Array
131,072 x 8
Column Decoder
S/A
I/O1 to I/O8
CE2
WE
OE
CE1
intOE
intWE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com