Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R1001A Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85R1001A
Description  1 M Bit (128 K x 8)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1001A Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85R1001A Datasheet HTML 1Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 2Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MB85R1001A
2
DS501-00003-6v1-E
PIN ASSIGNMENTS
PIN DESCRIPTIONS
Pin Number
Pin Name
Functional Description
1, 2, 4, 5, 8, 18 to 26, 28, 29, 45
A0 to A16
Address Input pins
33 to 35, 38 to 42
I/O1 to I/O8
Data Input/Output pins
44
CE1
Chip Enable 1 Input pin
7
CE2
Chip Enable 2 Input pin
6
WE
Write Enable Input pin
48
OE
Output Enable Input pin
10, 16, 37
VDD
Supply Voltage pins
Connect all three pins to the power supply.
13, 27, 46
VSS
Ground pins
Connect all three pins to ground.
3, 9, 11, 12, 14, 15, 17, 30 to
32, 36, 43, 47
NC
No Connect pins
Leave these pins open, or connect to VDD or
VSS.
A11
A9
NC
A8
A13
WE
CE2
A15
NC
VDD
NC
NC
VSS
NC
NC
VDD
NC
A16
A14
A12
A7
A6
A5
A4
OE
NC
VSS
A10
CE1
NC
I/O8
I/O7
I/O6
I/O5
I/O4
VDD
NC
I/O3
I/O2
I/O1
NC
NC
NC
A0
A1
VSS
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
(TSOP 48)
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com