Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6301 Datasheet (PDF) - Lowpower Semiconductor inc

LP6301 Datasheet PDF - Lowpower Semiconductor inc
Part # LP6301
Download  LP6301 Download
File Size   920.97 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1.5MHz, 1.5A Step-down Converter With Soft-Start

LP6301 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6301 Datasheet PDF - Lowpower Semiconductor inc

Part # LP6301
Download  LP6301 Click to download

File Size   920.97 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1.5MHz, 1.5A Step-down Converter With Soft-Start

LP6301 Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LP6301

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
Output Voltage Range: 0.6V to VIN
LP6303 POWER-LP6303 Datasheet
990Kb / 11P
Buck 2A, 3-Channel Power Management IC
LP6304B POWER-LP6304B Datasheet
995Kb / 12P
Buck 2A, 4-Channel Power Management IC
More results


Similar Description - LP6301

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Eutech Microelectronics...
EUP3010 EUTECH-EUP3010 Datasheet
778Kb / 12P
1.5MHz,1A Synchronous Step-Down Converter with Soft Start
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com