Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ168 Datasheet (PDF) - Toshiba Semiconductor

2SJ168 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ168
Download  2SJ168 Download
File Size   187.81 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)

2SJ168 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ168 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ168
Download  2SJ168 Click to download

File Size   187.81 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)

2SJ168 Datasheet (HTML) - Toshiba Semiconductor


2SJ168 Product details

High Speed Switching Applications

Analog Switch Applications

Interface Applications



•  Excellent switching time: ton= 14 ns (typ.)

•  High forward transfer admittance:  |Yfs| = 100 mS (min) @ID= −50 mA

•  Low on resistance: RDS (ON)= 1.3 Ω(typ.) @ ID= −50 mA

•  Enhancement-mode

•  Complementary to 2SK1062




Similar Part No. - 2SJ168

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ168 TOSHIBA-2SJ168 Datasheet
557Kb / 5P
Silicon P Channel MOS Type
logo
VBsemi Electronics Co.,...
2SJ168 VBSEMI-2SJ168 Datasheet
1Mb / 7P
P-Channel 60 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
2SJ168 TECHPUBLIC-2SJ168 Datasheet
2Mb / 5P
1.7Q 60V P-Channel MOSFET
logo
Toshiba Semiconductor
2SJ168 TOSHIBA-2SJ168_07 Datasheet
557Kb / 5P
Silicon P Channel MOS Type
More results


Similar Description - 2SJ168

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ148 TOSHIBA-2SJ148 Datasheet
194Kb / 4P
P CHANNEL MOS TYPE (HGIH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
2SJ167 TOSHIBA-2SJ167 Datasheet
178Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
2SJ305 TOSHIBA-2SJ305 Datasheet
194Kb / 3P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG APPLICATIONS)
2SJ342 TOSHIBA-2SJ342 Datasheet
198Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1061 TOSHIBA-2SK1061 Datasheet
181Kb / 4P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
2SK2034 TOSHIBA-2SK2034 Datasheet
195Kb / 3P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK982 TOSHIBA-2SK982 Datasheet
181Kb / 4P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
HN1J02FU TOSHIBA-HN1J02FU Datasheet
205Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1L02FU TOSHIBA-HN1L02FU Datasheet
334Kb / 6P
N CHANNEL MOS TYPE, P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1L03FU TOSHIBA-HN1L03FU Datasheet
307Kb / 6P
N,P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com