Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ305 Datasheet (PDF) - Toshiba Semiconductor

2SJ305 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ305
Download  2SJ305 Download
File Size   194.41 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG APPLICATIONS)

2SJ305 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ305 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ305
Download  2SJ305 Click to download

File Size   194.41 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG APPLICATIONS)

2SJ305 Datasheet (HTML) - Toshiba Semiconductor


2SJ305 Product details

High Speed Switching Applications
Analog Applications

• High input impedance
• Low gate threshold voltage.: Vth = −0.5 to −1.5 V
• Excellent switching times.: ton = 0.06 μs (typ.) toff = 0.15 μs (typ.)
• Low drain-source ON resistance: RDS (ON) = 2.4 Ω (typ.)
• Small package.
• Complementary to 2SK2009




Similar Part No. - 2SJ305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ305 TOSHIBA-2SJ305 Datasheet
592Kb / 5P
High Speed Switching Applications Analog Applications
logo
VBsemi Electronics Co.,...
2SJ305 VBSEMI-2SJ305 Datasheet
484Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
2SJ3053DV KEXIN-2SJ3053DV Datasheet
447Kb / 4P
P Channel MOSFET
logo
Toshiba Semiconductor
2SJ305 TOSHIBA-2SJ305_07 Datasheet
592Kb / 5P
High Speed Switching Applications Analog Applications
More results


Similar Description - 2SJ305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ167 TOSHIBA-2SJ167 Datasheet
178Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
2SJ168 TOSHIBA-2SJ168 Datasheet
187Kb / 3P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH, INTERFACE APPLICATIONS)
2SJ342 TOSHIBA-2SJ342 Datasheet
198Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2035 TOSHIBA-2SK2035 Datasheet
195Kb / 3P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2036 TOSHIBA-2SK2036 Datasheet
197Kb / 3P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
HN1J02FU TOSHIBA-HN1J02FU Datasheet
205Kb / 4P
P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1L02FU TOSHIBA-HN1L02FU Datasheet
334Kb / 6P
N CHANNEL MOS TYPE, P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1L03FU TOSHIBA-HN1L03FU Datasheet
307Kb / 6P
N,P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2035 TOSHIBA-2SK2035_07 Datasheet
542Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2036 TOSHIBA-2SK2036_07 Datasheet
574Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com