Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML320G2-11 Datasheet (PDF) - Mitsubishi Electric Semiconductor

ML320G2-11 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # ML320G2-11
Download  ML320G2-11 Download
File Size   142.6 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LASER DIODES FOR INDUSTRIAL SYSTEMS

ML320G2-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML320G2-11 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # ML320G2-11
Download  ML320G2-11 Click to download

File Size   142.6 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description LASER DIODES FOR INDUSTRIAL SYSTEMS

ML320G2-11 Datasheet (HTML) - Mitsubishi Electric Semiconductor


ML320G2-11 Product details

DESCRIPTION
ML3XX2 is a high-power, high-efficient blue-violet semiconductor laser which provides a stable, single transverse mode oscillation with emission wavelength of 405nm and standard light output of 120mW(CW).

FEATURES
• High Output Power: 120mW (CW)
• High Efficiency: 1.7mW/mA (typ.)
• Visible Light: 405nm (typ.)
• Package: φ 5.6mm TO-CAN PKG (ML320G2)
                  φ 3.8mm TO-CAN PKG (ML329G2)

APPLICATION
• Industrial , Bio-medical systems




Similar Part No. - ML320G2-11

ManufacturerPart #DatasheetDescription
logo
Telink
ML3219D-MERCURY-M0-PA11 TELINK-ML3219D-MERCURY-M0-PA11 Datasheet
1Mb / 36P
Product Specification for Telink Multi-Standard Wireless Module
Ver 1.0.0
ML3228A-GAIA-M3-PE11 TELINK-ML3228A-GAIA-M3-PE11 Datasheet
1Mb / 38P
Product Specification for Telink Multi-Standard Wireless Module
Ver 1.0.0
logo
Coilcraft lnc.
ML322PZA COILCRAFT-ML322PZA Datasheet
232Kb / 2P
High Reliability Power Inductors
ML322PZA102MLZ COILCRAFT-ML322PZA102MLZ Datasheet
232Kb / 2P
High Reliability Power Inductors
ML322PZA103MLZ COILCRAFT-ML322PZA103MLZ Datasheet
232Kb / 2P
High Reliability Power Inductors
More results


Similar Description - ML320G2-11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J23 MITSUBISHI-ML101J23 Datasheet
74Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J24 MITSUBISHI-ML101J24 Datasheet
30Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J25 MITSUBISHI-ML101J25 Datasheet
30Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J26 MITSUBISHI-ML101J26 Datasheet
29Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
LASER DIODES FOR PUMPING, COSMETIC
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G54 MITSUBISHI-ML520G54 Datasheet
148Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com