Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML320G2-11 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML320G2-11
Description  LASER DIODES FOR INDUSTRIAL SYSTEMS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML320G2-11 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML320G2-11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML320G2-11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML320G2-11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML320G2-11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MITSUBISHI
ELECTRIC
( 1 / 4 )
ML3xx2 LD SERIES
MITSUBISHI LASER DIODES
FOR INDUSTRIAL SYSTEMS
As of Oct. 2009
ML320G2-11 / ML329G2-11
TYPE
NAME
DESCRIPTION
ML3XX2 is a high-power, high-efficient blue-violet
semiconductor laser which provides a stable, single
transverse mode oscillation with emission wavelength of
405nm and standard light output of 120mW(CW).
FEATURES
APPLICATION
• High Output Power: 120mW (CW)
• High Efficiency: 1.7mW/mA (typ.)
• Visible Light: 405nm (typ.)
• Package: φ5.6mm TO-CAN PKG (ML320G2)
φ3.8mm TO-CAN PKG (ML329G2)
• Industrial , Bio-medical systems
ABSOLUTE MAXIMUM RATINGS (Note 1)
°C
-40 ~ +100
-
Storage temperature
Tstg
°C
+5 ~ +80
-
Case temperature
Tc
V
2
-
Reverse voltage
VRL
mW
120
CW
Light output power
Po
Unit
Ratings
Conditions
Parameter
Symbol
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time.
This does not mean the guarantee of its lifetime. Additionally, LD lifetime is strongly dependent on the case
temperature. As for the reliability, please refer to the reliability report issued by Quality Assurance Section, HF &
Optical Semiconductor Division, Mitsubishi Electric Corporation.
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25°C)
°
21
17
15
CW, Po=120mW
Beam divergence angle
(perpendicular)
θ
°
12
8
6
CW, Po=120mW
Beam divergence angle
(parallel)
θ//
nm
410
405
400
CW, Po=120mW
Peak wavelength
λp
mW/mA
2.0
1.7
1.3
CW, Po=120mW
Slope efficiency
η
V
6.0
5.0
-
CW, Po=120mW
Operating voltage
Vop
mA
160
120
-
CW, Po=120mW
Operating current
Iop
mA
70
45
-
CW
Threshold current
Ith
Unit
Max
Typ.
Min.
Test conditions
Parameter
Symbol
Please note that this data sheet may be changed without any notice.


Similar Part No. - ML320G2-11

ManufacturerPart #DatasheetDescription
logo
Telink
ML3219D-MERCURY-M0-PA11 TELINK-ML3219D-MERCURY-M0-PA11 Datasheet
1Mb / 36P
Product Specification for Telink Multi-Standard Wireless Module
Ver 1.0.0
ML3228A-GAIA-M3-PE11 TELINK-ML3228A-GAIA-M3-PE11 Datasheet
1Mb / 38P
Product Specification for Telink Multi-Standard Wireless Module
Ver 1.0.0
logo
Coilcraft lnc.
ML322PZA COILCRAFT-ML322PZA Datasheet
232Kb / 2P
High Reliability Power Inductors
ML322PZA102MLZ COILCRAFT-ML322PZA102MLZ Datasheet
232Kb / 2P
High Reliability Power Inductors
ML322PZA103MLZ COILCRAFT-ML322PZA103MLZ Datasheet
232Kb / 2P
High Reliability Power Inductors
More results

Similar Description - ML320G2-11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J23 MITSUBISHI-ML101J23 Datasheet
74Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J24 MITSUBISHI-ML101J24 Datasheet
30Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J25 MITSUBISHI-ML101J25 Datasheet
30Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J26 MITSUBISHI-ML101J26 Datasheet
29Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
LASER DIODES FOR PUMPING, COSMETIC
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
ML520G54 MITSUBISHI-ML520G54 Datasheet
148Kb / 4P
LASER DIODES FOR DISPLAY SYSTEM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com