Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ508 Datasheet (PDF) - Toshiba Semiconductor

2SJ508 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ508
Download  2SJ508 Download
File Size   135.25 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SJ508 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ508 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ508
Download  2SJ508 Click to download

File Size   135.25 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SJ508 Datasheet (HTML) - Toshiba Semiconductor


2SJ508 Product details

Chopper Regulator, DC−DC Converter and Motor Drive Applications





4 V gate drive

Low drain−source ON resistance  : RDS (ON)= 1.35 Ω(typ.)

High forward transfer admittance  : |Yfs| = 0.7 S (typ.)

Low leakage current  : IDSS= −100 µA (VDS= −100 V)

Enhancement−mode : Vth= −0.8~−2.0 V (VDS= −10 V, ID= −1mA)




Similar Part No. - 2SJ508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508 Datasheet
224Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ508 TOSHIBA-2SJ508 Datasheet
220Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ508 TOSHIBA-2SJ508 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ508 TOSHIBA-2SJ508_07 Datasheet
224Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
Chopper Regulator, DC?묭C Converter and Motor Drive
More results


Similar Description - 2SJ508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
278Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ407 TOSHIBA-2SJ407 Datasheet
271Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ511 TOSHIBA-2SJ511 Datasheet
284Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ512 TOSHIBA-2SJ512 Datasheet
280Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ516 TOSHIBA-2SJ516 Datasheet
285Kb / 5P
P CHANNEP MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2992 TOSHIBA-2SK2992 Datasheet
277Kb / 5P
N CHANNEL MOS TYPE(HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER,AND MOTOR DRIVE APPLICATIONS)
2SK2995 TOSHIBA-2SK2995 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3084 TOSHIBA-2SK3084 Datasheet
142Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com