Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ511 Datasheet (PDF) - Toshiba Semiconductor

2SJ511 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ511
Download  2SJ511 Download
File Size   284.45 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SJ511 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ511 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ511
Download  2SJ511 Click to download

File Size   284.45 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SJ511 Datasheet (HTML) - Toshiba Semiconductor


2SJ511 Product details

Chopper Regulator, DC−DC Converter and Motor Drive Applications

• 4-V gate drive
• Low drain−source ON resistance : RDS (ON) = 0.32 Ω (typ.)
• High forward transfer admittance : |Yfs| = 1.4 S (typ.)
• Low leakage current : IDSS = −100 μA (max) (VDS = −30 V)
• Enhancement mode : Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - 2SJ511

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
2SJ511-TP TECHPUBLIC-2SJ511-TP Datasheet
2Mb / 4P
P-Channel Enhancement MOSFET
logo
Toshiba Semiconductor
2SJ511 TOSHIBA-2SJ511_09 Datasheet
419Kb / 6P
Chopper Regulator, DC−DC Converter and Motor Drive
More results


Similar Description - 2SJ511

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
278Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ407 TOSHIBA-2SJ407 Datasheet
271Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ508 TOSHIBA-2SJ508 Datasheet
135Kb / 2P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ512 TOSHIBA-2SJ512 Datasheet
280Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ516 TOSHIBA-2SJ516 Datasheet
285Kb / 5P
P CHANNEP MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2992 TOSHIBA-2SK2992 Datasheet
277Kb / 5P
N CHANNEL MOS TYPE(HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER,AND MOTOR DRIVE APPLICATIONS)
2SK2995 TOSHIBA-2SK2995 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3084 TOSHIBA-2SK3084 Datasheet
142Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com