Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA014H Datasheet (PDF) - Microchip Technology

24AA014H Datasheet PDF - Microchip Technology
Part # 24AA014H
Download  24AA014H Download
File Size   478.62 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K I2C??Serial EEPROM with Half-Array Write-Protect

24AA014H Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA014H Datasheet PDF - Microchip Technology

Part # 24AA014H
Download  24AA014H Click to download

File Size   478.62 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K I2C??Serial EEPROM with Half-Array Write-Protect

24AA014H Datasheet (HTML) - Microchip Technology


24AA014H Product details

Description:

The Microchip Technology Inc. 24AA014H/24LC014H is a 1 Kbit Serial Electrically Erasable PROM with operation down to 1.7V. The device is organized as a single block of 128 x 8-bit memory with a 2-wire serial interface. Low-current design permits operation with maximum standby and active currents of only 1 μA and 400 μA, respectively. The device has a page write capability for up to 16 bytes of data. Functional address lines allow the connection of up to eight 24AA014H/ 24LC014H devices on the same bus for up to 8 Kbits of contiguous EEPROM memory. The device is available in the standard 8-pin PDIP, 8-pin SOIC (150 mil), TSSOP, 2x3 TDFN and MSOP packages.



Features:

• Single-Supply with Operation down to 1.7V

• Low-Power CMOS Technology:

- 400 μA active current, maximum

- 1 μA standby current, maximum (I-temp)

• Organized as a Single Block of 128 Bytes(128 x 8)

• 2-Wire Serial Interface Bus, I2C™ Compatible

• Schmitt Trigger Inputs for Noise Suppression

• Output Slope Control to Eliminate Ground Bounce

• 100 kHz and 400 kHz Compatibility

• 1 MHz Compatibility (LC)

• Page Write Buffer for up to 16 Bytes

• Self-Timed Write Cycle (including Auto-Erase)

• Hardware Write Protection for Half Array(40h-7Fh)

• Address Lines Allow up to Eight Devices on Bus

• 1 Million Erase/Write Cycles

• ESD Protection > 4,000V

• Data Retention > 200 Years

• Factory Programming (QTP) Available

• Pb-Free and RoHS Compliant

• 8-pin PDIP, SOIC, TSSOP, TDFN and MSOP Packages

• Available for Extended Temperature Ranges:

- Industrial (I): -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 24AA014H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA014 MICROCHIP-24AA014 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014 Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24AA014-E/MC MICROCHIP-24AA014-E/MC Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24AA014-E/MNY MICROCHIP-24AA014-E/MNY Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
More results


Similar Description - 24AA014H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com