Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02H Datasheet (PDF) - Microchip Technology

24AA02H Datasheet PDF - Microchip Technology
Part # 24AA02H
Download  24AA02H Download
File Size   534.33 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K I2C??Serial EEPROM with Half-Array Write-Protect

24AA02H Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA02H Datasheet PDF - Microchip Technology

Part # 24AA02H
Download  24AA02H Click to download

File Size   534.33 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K I2C??Serial EEPROM with Half-Array Write-Protect

24AA02H Datasheet (HTML) - Microchip Technology


24AA02H Product details

Description:

The Microchip Technology Inc. 24AA02H/24LC02BH (24XX02H*) is a 2 Kbit Electrically Erasable PROM. The device is organized as one block of 256 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with standby and active currents of only 1μA and 1 mA, respectively. The 24XX02H also has a page write capability for up to 8 bytes of data. The 24XX02H is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, 2x3 TDFN and MSOP packages, and is also available in the 5-lead SOT-23 and SC-70 packages.



Features:

• Single Supply with Operation down to 1.7V for 24AA02H Devices, 2.5V for 24LC02BH Devices

• Low-Power CMOS Technology:

- Read current 1 mA, max.

- Standby current 1μA, max. (I-temp)

• 2-Wire Serial Interface, I2C™ Compatible

• Schmitt Trigger Inputs for Noise Suppression

• Output Slope Control to Eliminate Ground Bounce

• 100 kHz and 400 kHz Clock Compatibility

• Page Write Time 3 ms, typical

• Self-Timed Erase/Write Cycle

• 8-Byte Page Write Buffer

• Hardware Write-Protect for Half-Array (80h-FFh)

• ESD Protection >4,000V

• More than 1 Million Erase/Write Cycles

• Data Retention >200 Years

• Factory Programming Available

• Packages include 8-lead PDIP, SOIC, TSSOP,

TDFN, MSOP, 5-lead SOT-23 and SC-70

• Pb-Free and RoHS Compliant

• Temperature Ranges:

- Industrial (I):  -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 24AA02H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02 MICROCHIP-24AA02 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
2K I2C Serial EEPROM
2003
24AA02 MICROCHIP-24AA02 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
324Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results


Similar Description - 24AA02H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com