Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC640A Datasheet (PDF) - Microchip Technology

25LC640A Datasheet PDF - Microchip Technology
Part # 25LC640A
Download  25LC640A Download
File Size   335.54 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures

25LC640A Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC640A Datasheet PDF - Microchip Technology

Part # 25LC640A
Download  25LC640A Click to download

File Size   335.54 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures

25LC640A Datasheet (HTML) - Microchip Technology


25LC640A Product details

Description:
The Microchip Technology Inc. 25AA640A/25LC640A (25XX640A*) are 64 kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features:
• Max. Clock 10 MHz
• Low-Power CMOS Technology:
    - Max. Write Current: 5 mA at 5.5V, 10 MHz
    - Read Current: 5 mA at 5.5V, 10 MHz
    - Standby Current: 1 μA at 5.5V
• 8192 x 8-bit Organization
• 32 Byte Page
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
    - Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
    - Power-on/off data protection circuitry
    - Write enable latch
    - Write-protect pin
• Sequential Read
• High Reliability:
    - Endurance: 1,000,000 erase/write cycles
    - Data retention: > 200 years
    - ESD protection: > 4000V
• Temperature Ranges Supported:
    - Industrial (I): -40°C to +85°C
    - Automotive (E): -40°C to +125°C




Similar Part No. - 25LC640A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640A MICROCHIP-25LC640A Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC640A MICROCHIP-25LC640A Datasheet
1,018Kb / 36P
64K SPI Bus Serial EEPROM
11/29/12
25LC640A-E/MF MICROCHIP-25LC640A-E/MF Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
25LC640A-E/MNY MICROCHIP-25LC640A-E/MNY Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
More results


Similar Description - 25LC640A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
64K SPI Bus Serial EEPROM
1997
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
64K SPI Bus Serial EEPROM
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com