Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC640-ISN Datasheet (PDF) - Microchip Technology

25LC640-ISN Datasheet PDF - Microchip Technology
Part # 25LC640-ISN
Download  25LC640-ISN Download
File Size   383.55 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K SPI Bus Serial EEPROM

25LC640-ISN Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC640-ISN Datasheet PDF - Microchip Technology

Part # 25LC640-ISN
Download  25LC640-ISN Click to download

File Size   383.55 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K SPI Bus Serial EEPROM

25LC640-ISN Datasheet (HTML) - Microchip Technology


25LC640-ISN Product details

DESCRIPTION
The Microchip Technology Inc. 25AA640/25LC640/25C640 (25xx640*) is a 64K bit serial Electrically Erasable PROM. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input.
Communication to the device can be paused via the hold pin (HOLD). While the device is paused, transitions on its inputs will be ignored, with the exception of chip select, allowing the host to service higher priority interrupts.

FEATURES
• Low power CMOS technology
   - Write current: 3 mA typical
   - Read current: 500 µA typical
   - Standby current: 500 nA typical
• 8192 x 8 bit organization
• 32 byte page
• Write cycle time: 5ms max.
• Self-timed ERASE and WRITE cycles
• Block write protection
   - Protect none, 1/4, 1/2, or all of array
• Built-in write protection
   - Power on/off data protection circuitry
   - Write enable latch
   - Write protect pin
• Sequential read
• High reliability
   - Endurance: 1M cycles (guaranteed)
   - Data retention: > 200 years
   - ESD protection: > 4000 V
• 8-pin PDIP, SOIC, and TSSOP packages
• Temperature ranges supported:
   - Commercial: (C) 0°C to +70°C
   - Industrial: (I) -40°C to +85°C
   - Automotive: (E) (25C640) -40°C to +125°C




Similar Part No. - 25LC640-ISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640-I/P MICROCHIP-25LC640-I/P Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
25LC640-I/P MICROCHIP-25LC640-I/P Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25LC640-I/SN MICROCHIP-25LC640-I/SN Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
25LC640-I/SN MICROCHIP-25LC640-I/SN Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25LC640-I/ST MICROCHIP-25LC640-I/ST Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
More results


Similar Description - 25LC640-ISN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
64K SPI Bus Serial EEPROM
1997
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
64K SPI Bus Serial EEPROM
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com