Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP40D17T Datasheet (PDF) - Microchip Technology

MCP40D17T Datasheet PDF - Microchip Technology
Part # MCP40D17T
Download  MCP40D17T Download
File Size   2566.85 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70

MCP40D17T Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP40D17T Datasheet PDF - Microchip Technology

Part # MCP40D17T
Download  MCP40D17T Click to download

File Size   2566.85 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70

MCP40D17T Datasheet (HTML) - Microchip Technology


MCP40D17T Product details

Features
• Potentiometer or Rheostat configuration options
• 7-bit: Resistor Network Resolution
    - 127 Resistors (128 Steps)
• Zero Scale to Full Scale Wiper operation
• RAB Resistances: 5 kΩ, 10 kΩ, 50 kΩ, or 100 kΩ
• Low Wiper Resistance: 100Ω (typical)
• Low Tempco:
    - Absolute (Rheostat): 50 ppm typical (0°C to 70°C)
    - Ratiometric (Potentiometer): 15 ppm typical
• I2C Protocol
    - Supports SMBus 2.0 Write Byte/Word Protocol Formats
    - Supports SMBus 2.0 Read Byte/Word Protocol Formats
• Standard I2C Device Addresses:
    - All devices offered with address “0101110”
    - MCP40D18 also offered with address “0111110”
• Brown-out reset protection (1.5V typical)
• Power-on Default Wiper Setting (Mid-scale)
• Low-Power Operation:
    - 2.5 µA Static Current (typical)
• Wide Operating Voltage Range:
    - 2.7V to 5.5V - Device Characteristics Specified
    - 1.8V to 5.5V - Device Operation
• Wide Bandwidth (-3 dB) Operation:
    - 2 MHz (typical) for 5.0 kΩ device
• Extended temperature range (-40°C to +125°C)
• Very small package (SC70)
• Lead free (Pb-free) package

Applications
• PC Servers (I2C Protocol with Command Code)
• Amplifier Gain Control and Offset Adjustment
• Sensor Calibration (Pressure, Temperature, Position, Optical and Chemical)
• Set point or offset trimming
• Cost-sensitive mechanical trim pot replacement
• RF Amplifier Biasing
• LCD Brightnes and Contract Adjustment




Similar Part No. - MCP40D17T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4011 MICROCHIP-MCP4011 Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/CH MICROCHIP-MCP4011-103E/CH Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MC MICROCHIP-MCP4011-103E/MC Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MS MICROCHIP-MCP4011-103E/MS Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/OT MICROCHIP-MCP4011-103E/OT Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
More results


Similar Description - MCP40D17T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP47A1T-A0E-LT MICROCHIP-MCP47A1T-A0E-LT Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com