Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C146 Datasheet (PDF) - Microchip Technology

RE46C146 Datasheet PDF - Microchip Technology
Part # RE46C146
Download  RE46C146 Download
File Size   261.79 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode

RE46C146 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C146 Datasheet PDF - Microchip Technology

Part # RE46C146
Download  RE46C146 Click to download

File Size   261.79 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode

RE46C146 Datasheet (HTML) - Microchip Technology


RE46C146 Product details

General Description
The RE46C146 is low power CMOS photoelectric type smoke detector IC. With minimal external components this circuit will provide all the required features for a photoelectric type smoke detector.

Features
• Internal Power On Reset
• Low Quiescent Current Consumption
• Available in 16L PDIP or 16L N SOIC
• ESD Protection on all Pins
• Interconnect up to 40 Detectors
• 10 Minute Timer for Sensitivity Control
• Temporal Horn Pattern for Smoke and CO
• Internal Low Battery and Chamber Test
• Compatible with Allegro A5366
• Alternate Diagnostic Mode
• Available in Standard Packaging or RoHS Compliant Pb Free Packaging




Similar Part No. - RE46C146

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C141 MICROCHIP-RE46C141 Datasheet
251Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
A Subsidiary of Microchip Technology Inc.
2009
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C143E16F MICROCHIP-RE46C143E16F Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
More results


Similar Description - RE46C146

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C190S16F MICROCHIP-RE46C190S16F Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
08/04/10
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com