Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM03U3CT Datasheet (PDF) - Toshiba Semiconductor

RFM03U3CT Datasheet PDF - Toshiba Semiconductor
Part # RFM03U3CT
Download  RFM03U3CT Download
File Size   175.0 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type

RFM03U3CT Datasheet (PDF)

Go To PDF Page Download Datasheet
RFM03U3CT Datasheet PDF - Toshiba Semiconductor

Part # RFM03U3CT
Download  RFM03U3CT Click to download

File Size   175.0 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type

RFM03U3CT Datasheet (HTML) - Toshiba Semiconductor


RFM03U3CT Product details

VHF- and UHF-band Amplifier Applications

(Note) The TOSHIBA products listed in this document are intended for high
frequency Power Amplifier of telecommunications equipment.. These
TOSHIBA products are neither intended nor warranted for any other use.
Do not use these TOSHIBA products listed in this document except for
high frequency Power Amplifier of telecommunications equipment.

• Output power: PO = 3 W (typ.)
• Gain: GP = 15 dB (typ.)
• Drain efficiency: ηD = 60% (typ.)




Similar Part No. - RFM03U3CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RFM03U3CT TOSHIBA-RFM03U3CT Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - RFM03U3CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
TPCT4204 TOSHIBA-TPCT4204 Datasheet
124Kb / 4P
Field Effect Transistor Silicon N Channel MOS Type
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com