Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4969 Datasheet (PDF) - Pomona Electronics

4969 Datasheet PDF - Pomona Electronics
Part # 4969
Download  4969 Download
File Size   29.46 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC (Female & Male) To 20 AWG Leads

4969 Datasheet (PDF)

Go To PDF Page Download Datasheet
4969 Datasheet PDF - Pomona Electronics

Part # 4969
Download  4969 Click to download

File Size   29.46 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description BNC (Female & Male) To 20 AWG Leads

4969 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 4969

ManufacturerPart #DatasheetDescription
logo
Theben AG
4969222 THEBEN-4969222 Datasheet
282Kb / 2P
KNX Binary inputs
22/11/2024
4969224 THEBEN-4969224 Datasheet
543Kb / 2P
KNX Binary inputs
22/11/2024
4969226 THEBEN-4969226 Datasheet
549Kb / 2P
KNX Binary inputs
22/11/2024
4969228 THEBEN-4969228 Datasheet
553Kb / 2P
KNX Binary inputs
22/11/2024
4969232 THEBEN-4969232 Datasheet
296Kb / 2P
KNX HVAC controller
23/11/2024
More results


Similar Description - 4969

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9908 PASTERNACK-PE9908 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO UN-TERMINATED #18 AWG LEADS
PE9917 PASTERNACK-PE9917 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO UN-TERMINATED #18 AWG LEADS
logo
List of Unclassifed Man...
BU-P4969 ETC2-BU-P4969 Datasheet
154Kb / 1P
BNC (Female) Breakout to 20 Awg Leads
BU-P4970 ETC2-BU-P4970 Datasheet
142Kb / 1P
BNC (Male) Breakout to 20 Awg Leads
logo
Adam Technologies, Inc.
RF1-32-D-XX-75 ADAM-TECH-RF1-32-D-XX-75 Datasheet
98Kb / 1P
BNC MALE TO RCA FEMALE
RF1-90-T-AS-75 ADAM-TECH-RF1-90-T-AS-75 Datasheet
99Kb / 1P
BNC FEMALE TO MALE
RF6-20-D-AS-50 ADAM-TECH-RF6-20-D-AS-50 Datasheet
161Kb / 1P
UHF MALE TO BNC FEMALE
logo
Pasternack Enterprises,...
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
PE7000-20 PASTERNACK-PE7000-20_16 Datasheet
265Kb / 5P
20 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com