Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU-P4970 Datasheet (PDF) - List of Unclassifed Manufacturers

BU-P4970 Datasheet PDF - List of Unclassifed Manufacturers
Part # BU-P4970
Download  BU-P4970 Download
File Size   142.83 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description BNC (Male) Breakout to 20 Awg Leads

BU-P4970 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU-P4970 Datasheet PDF - List of Unclassifed Manufacturers

Part # BU-P4970
Download  BU-P4970 Click to download

File Size   142.83 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description BNC (Male) Breakout to 20 Awg Leads

BU-P4970 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - BU-P4970

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-2 ETC2-BU-P4911A-12-2 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-4 ETC2-BU-P4911A-12-4 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-5 ETC2-BU-P4911A-12-5 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P4911A-12-6 ETC2-BU-P4911A-12-6 Datasheet
198Kb / 1P
RETRACTABLE BANANA TEST LEAD, 18 AWG
More results


Similar Description - BU-P4970

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4969 POMONA-4969 Datasheet
29Kb / 1P
BNC (Female & Male) To 20 AWG Leads
2886 POMONA-2886 Datasheet
24Kb / 1P
Breakout: BNC (Male) To Minigator Test Clips
logo
Pasternack Enterprises,...
PE9901 PASTERNACK-PE9901 Datasheet
109Kb / 1P
BREAKOUT , BNC MALE TO MINIATURE ALLIGATOR CLIPS
PE9905 PASTERNACK-PE9905 Datasheet
108Kb / 1P
BREAKOUT, BNC MALE TO SAFETY HOOKS
PE9908 PASTERNACK-PE9908 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO UN-TERMINATED #18 AWG LEADS
PE9917 PASTERNACK-PE9917 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO UN-TERMINATED #18 AWG LEADS
PE9958 PASTERNACK-PE9958 Datasheet
119Kb / 1P
BREAKOUT, CRIMP ON FOR RG58 TO UN-TERMINATED #20 AWG LEADS
logo
List of Unclassifed Man...
BU-5100-A-4-0 ETC2-BU-5100-A-4-0 Datasheet
64Kb / 1P
BNC Male Breakout to Tinned End Wires
BU-5144-A-4-0 ETC2-BU-5144-A-4-0 Datasheet
85Kb / 1P
BNC Male Breakout to Stackable Pin Plug
BU-P4969 ETC2-BU-P4969 Datasheet
154Kb / 1P
BNC (Female) Breakout to 20 Awg Leads
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com