Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK365 Datasheet (PDF) - Toshiba Semiconductor

2SK365 Datasheet PDF - Toshiba Semiconductor
Part # 2SK365
Download  2SK365 Download
File Size   223.16 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)

2SK365 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK365 Datasheet PDF - Toshiba Semiconductor

Part # 2SK365
Download  2SK365 Click to download

File Size   223.16 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)

2SK365 Datasheet (HTML) - Toshiba Semiconductor


2SK365 Product details

For Audio Amplifier, Analog-Switch, Constant Current

and Impedance Converter Applications



High breakdown voltage: VGDS= −50 V

High input impedance: IGSS= −1.0 nA (max) (VGS= −30 V)

Low RDS (ON): RDS (ON)= 80 Ω(typ.) (IDSS= 5 mA)

Small package




Similar Part No. - 2SK365

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK365 TOSHIBA-2SK365 Datasheet
679Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
logo
Fuji Electric
2SK3650-01L FUJI-2SK3650-01L Datasheet
261Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3650-01L ISC-2SK3650-01L Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3650-01S FUJI-2SK3650-01S Datasheet
261Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3650-01S ISC-2SK3650-01S Datasheet
400Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK365

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK330 TOSHIBA-2SK330 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK363 TOSHIBA-2SK363 Datasheet
226Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK364 TOSHIBA-2SK364 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366 Datasheet
217Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK372 TOSHIBA-2SK372 Datasheet
225Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366_07 Datasheet
648Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
2SK372 TOSHIBA-2SK372_07 Datasheet
696Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant-Current and Impedance Converter Applications
2SK330 TOSHIBA-2SK330_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK362 TOSHIBA-2SK362_07 Datasheet
669Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK364 TOSHIBA-2SK364_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com