Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK330 Datasheet (PDF) - Toshiba Semiconductor

2SK330 Datasheet PDF - Toshiba Semiconductor
Part # 2SK330
Download  2SK330 Download
File Size   218.92 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)

2SK330 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK330 Datasheet PDF - Toshiba Semiconductor

Part # 2SK330
Download  2SK330 Click to download

File Size   218.92 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)

2SK330 Datasheet (HTML) - Toshiba Semiconductor


2SK330 Product details

*  High breakdown voltage: VGDS= −50 V



*  High input impedance: IGSS= −1nA (max) (VGS= −30 V)



*  Low RDS (ON): RDS (ON)= 320 Ω(typ.) (IDSS= 5 mA)

 



*  Complementary to 2SJ105



*  Small package






Similar Part No. - 2SK330

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK330 TOSHIBA-2SK330 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK330 TOSHIBA-2SK330 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
2SK3301 TOSHIBA-2SK3301 Datasheet
142Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, DC-DC CONVERTER APPLICATIONS)
2SK3301 TOSHIBA-2SK3301 Datasheet
166Kb / 3P
Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301 Datasheet
150Kb / 3P
Switching Regulatorand DC-DC Converter Applications
More results


Similar Description - 2SK330

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK363 TOSHIBA-2SK363 Datasheet
226Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK364 TOSHIBA-2SK364 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK365 TOSHIBA-2SK365 Datasheet
223Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366 Datasheet
217Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK372 TOSHIBA-2SK372 Datasheet
225Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366_07 Datasheet
648Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
2SK372 TOSHIBA-2SK372_07 Datasheet
696Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant-Current and Impedance Converter Applications
2SK330 TOSHIBA-2SK330_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK362 TOSHIBA-2SK362_07 Datasheet
669Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK364 TOSHIBA-2SK364_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com