Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N137 Datasheet (PDF) - Toshiba Semiconductor

6N137 Datasheet PDF - Toshiba Semiconductor
Part # 6N137
Download  6N137 Download
File Size   328.46 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)

6N137 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137 Datasheet PDF - Toshiba Semiconductor

Part # 6N137
Download  6N137 Click to download

File Size   328.46 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)

6N137 Datasheet (HTML) - Toshiba Semiconductor


6N137 Product details

Degital Logic Isolation Tele-Communication Analog Data Equipment Control





The TOSHIBA 6N137 consist of a highemitting diode and a one chip photo IC. This unit is 8-lead DIP package.





•  LSTTL / TTL compatible: 5V Supply

•  Ultra high speed: 10MBd

•  Guaranteed performance overtemperature: 0°C to 70°C

•  High isolation voltage: 2500Vrms min.

•  UL recognized: UL1577, file no. E67349




Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
logo
Agilent(Hewlett-Packard...
6N137 HP-6N137 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
6N137 HP-6N137 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
6N137 HP-6N137 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results


Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP2630 TOSHIBA-TLP2630 Datasheet
195Kb / 8P
Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
TLP551 TOSHIBA-TLP551 Datasheet
320Kb / 8P
PHOTOCOUPLER GaAAs IRED PHOTO IC
01-Jun-2001
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
GaA?밃s Ired & Photo IC Degital Logic Isolation
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
GaA?밃s Ired & Photo IC Digital Logic Isolation.
TLP2630 TOSHIBA-TLP2630_07 Datasheet
198Kb / 8P
Analog Data Equipment Control
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
Photo−IC Digital Logic Isolation.
6N137F TOSHIBA-6N137F Datasheet
184Kb / 8P
Degital Logic Isolation Tele-Communication Analog Data Equipment Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com