Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N137 Datasheet (PDF) - Agilent(Hewlett-Packard)

6N137 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 6N137
Download  6N137 Download
File Size   252.24 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description HCMOS Compatible, High CMR, 10 MBd Optocouplers

6N137 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 6N137
Download  6N137 Click to download

File Size   252.24 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description HCMOS Compatible, High CMR, 10 MBd Optocouplers

6N137 Datasheet (HTML) - Agilent(Hewlett-Packard)


6N137 Product details

Description
The HCPL-261A family of optically coupled gates shown on this data sheet provide all the benefits of the industry standard 6N137 family with the added benefit of HCMOS compatible input current. This allows direct interface to all common circuit topologies without additional LED buffer or drive components. The AlGaAs LED used allows lower drive currents and reduces degradation by using the latest LED technology. On the single channel parts, an enable output allows the detector to be strobed. The output of the detector IC is an open collector schottky clamped transistor. The internal shield provides a minimum common mode transient immunity of 1000 V/µs for the HCPL-261A family and 15000 V/µs for the HCPL-261N family.

Features
• HCMOS/LSTTL/TTL Performance Compatible
• 1000 V/µs Minimum
   Common Mode Rejection
   (CMR) at VCM = 50 V (HCPL- 261A Family) and 15 kV/µs
   Minimum CMR at VCM = 1000 V (HCPL-261N Family)
• High Speed: 10 MBd Typical
• AC and DC Performance
   Specified over Industrial
   Temperature Range -40°C to +85°C
• Available in 8 Pin DIP, SOIC-8 Packages
• Safety Approval
   UL Recognized per UL1577
      2500 V rms for 1 minute and
      5000 V rms for 1 minute
      (Option 020)
   CSA Approved
   VDE 0884 Approved with
      VIORM = 630 V peak for
      HCPL-261A/261N
      Option 060
  
Applications
• Low Input Current (3.0 mA) HCMOS Compatible Version of 6N137 Optocoupler
• Isolated Line Receiver
• Simplex/Multiplex Data Transmission
• Computer-Peripheral Interface
• Digital Isolation for A/D, D/A Conversion
• Switching Power Supplies
• Instrumentation Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer Replacement




Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
logo
Agilent(Hewlett-Packard...
6N137 HP-6N137 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
6N137 HP-6N137 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
More results


Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
20 MBd High CMR Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com