Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N138 Datasheet (PDF) - Toshiba Semiconductor

6N138 Datasheet PDF - Toshiba Semiconductor
Part # 6N138
Download  6N138 Download
File Size   260.84 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)

6N138 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N138 Datasheet PDF - Toshiba Semiconductor

Part # 6N138
Download  6N138 Click to download

File Size   260.84 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)

6N138 Datasheet (HTML) - Toshiba Semiconductor


6N138 Product details

Current Loop Driver.
Low Input Current Line Receiver.
CMOS Logic Interface.

The TOSHIBA 6N138 and 6N139 consists of a GaAℓAs
infrared emitting diode coupled with a split-Darlington output configuration.
A high speed GaAℓAs Ired manufactured with an unique LPE junction, has the virtue of fast rise and fall time at low drive current.

• Isolation voltage: 2500Vrms (min.)
• Current transfer ratio
   : 6N138 − 300% (min.) (IF=1.6mA)
   : 6N139 − 400% (min.) (IF=0.5mA)
• Switching time: 6N138 − tPHL=10μs (max.)
                        − tPLH=35μs (max.)
                  6N139 − tPHL=1μs (max.)
                        − tPLH=7μs (max.)
• UL recognized: UL1577, file no. E67349




Similar Part No. - 6N138

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Sharp Corporation
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N138 HP-6N138 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
More results


Similar Description - 6N138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
CNY17-2 TOSHIBA-CNY17-2 Datasheet
323Kb / 6P
IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP551 TOSHIBA-TLP551 Datasheet
320Kb / 8P
PHOTOCOUPLER GaAAs IRED PHOTO IC
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
GaA?밃s Ired & Photo IC Degital Logic Isolation
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
GaA?밃s Ired & Photo IC Digital Logic Isolation.
6N138 TOSHIBA-6N138_07 Datasheet
202Kb / 6P
GaA?밃s Ired & Photo IC Current Loop Driver.
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
Photo−IC Isolated Line Receiver
logo
List of Unclassifed Man...
MIC-24CL ETC2-MIC-24CL Datasheet
442Kb / 4P
Current Loop Interface Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com