Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N138 Datasheet (PDF) - Sharp Corporation

6N138 Datasheet PDF - Sharp Corporation
Part # 6N138
Download  6N138 Download
File Size   67.83 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, High Speed OPIC Photocoupler

6N138 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N138 Datasheet PDF - Sharp Corporation

Part # 6N138
Download  6N138 Click to download

File Size   67.83 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Sensitivity, High Speed OPIC Photocoupler

6N138 Datasheet (HTML) - Sharp Corporation


6N138 Product details

■ Features
1. High current transfer ratio
   ( CTR : MIN. 300% at I F = 1.6mA)
2. High speed response
   ( tPHL : TYP. 2µs at R L = 2.2kΩ )
3. Instantaneous common mode rejection
   voltage ( CM H : TYP. 500V/µs )
4. TTL compatible output
5. Overseas standard model
6. Recognized by UL, file No. E64380.

■ Applications
1. Interfaces for computer peripherals
2. Electronic calculators, measuring instruments,
   control equipment
3. Telephone sets
4. Signal transmission between circuits of
   different potentials and impedances




Similar Part No. - 6N138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N138 HP-6N138 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
More results


Similar Description - 6N138

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
High Speed and High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC457L0NIP SHARP-PC457L0NIP Datasheet
49Kb / 5P
High Speed and High CMR ∗OPIC Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com