Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10J303 Datasheet (PDF) - Toshiba Semiconductor

10J303 Datasheet PDF - Toshiba Semiconductor
Part # 10J303
Download  10J303 Download
File Size   291.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)

10J303 Datasheet (PDF)

Go To PDF Page Download Datasheet
10J303 Datasheet PDF - Toshiba Semiconductor

Part # 10J303
Download  10J303 Click to download

File Size   291.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)

10J303 Datasheet (HTML) - Toshiba Semiconductor


10J303 Product details

HIGH POWER SWITCHING APPLICATIONS

MOTOR CONTROL APPLICATIONS



  Third-generation IGBT

  Enhancement mode type

  High speed  : tf= 0.30μs (Max.) (IC= 10A)

  Low saturation voltage  : VCE(sat) = 2.7V (Max.) (IC= 10A)

  FRD included between emitter and collector




Similar Part No. - 10J303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
10J4B41 TOSHIBA-10J4B41 Datasheet
117Kb / 1P
RECTIFIER STACK (BRIDGE)
logo
Nihon Inter Electronics...
10JDA10 NIEC-10JDA10 Datasheet
40Kb / 5P
DIODE - 1A 100V TJ = 150C
logo
SUNMATE electronic Co.,...
10JDA10 SUNMATE-10JDA10 Datasheet
305Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
National Instruments Co...
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10_2015 NI-10JDA10_2015 Datasheet
141Kb / 1P
Standard Recovery Diode
More results


Similar Description - 10J303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J101 TOSHIBA-GT15J101 Datasheet
208Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J102 TOSHIBA-GT15J102 Datasheet
207Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J103 TOSHIBA-GT15J103 Datasheet
190Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG15Q6ES42 TOSHIBA-MG15Q6ES42 Datasheet
258Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG25Q6ES51A TOSHIBA-MG25Q6ES51A Datasheet
263Kb / 7P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG300Q1US41 TOSHIBA-MG300Q1US41 Datasheet
252Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG400Q1US51 TOSHIBA-MG400Q1US51 Datasheet
309Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50J6ES50 TOSHIBA-MG50J6ES50 Datasheet
307Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50Q2YS40 TOSHIBA-MG50Q2YS40 Datasheet
253Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50Q6ES50 TOSHIBA-MG50Q6ES50 Datasheet
277Kb / 7P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com