Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet (PDF) - Active-Semi, Inc

ACT8810 Datasheet PDF - Active-Semi, Inc
Part # ACT8810
Download  ACT8810 Download
File Size   150.22 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Eight Channel ActivePath??Power Management IC

ACT8810 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8810 Datasheet PDF - Active-Semi, Inc

Part # ACT8810
Download  ACT8810 Click to download

File Size   150.22 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Eight Channel ActivePath??Power Management IC

ACT8810 Datasheet (HTML) - Active-Semi, Inc


ACT8810 Product details

GENERAL DESCRIPTION
The patent-pending ACT8810 is a complete, cost effective, highly-efficient ActivePMUTM power management solution that is ideal for a wide range of high performance portable handheld applications such as personal navigation devices (PNDs). This device integrates the ActivePathTM complete battery charging and management system with six power supply channels.

FEATURES
• ActivePathTM Li+ Charger with System Power Selection
• Six Integrated Regulators
    − 1.3A High Efficiency Step-Down DC/DC
    − 1.0A High Efficiency Step-Down DC/DC
    − 0.55A High Efficiency Step-Down DC/DC
    − 2×360mA Low Noise, High PSRR LDOs
    − 30mA RTC LDO / Backup Battery Charger
• I2CTM Serial Interface
• Minimal External Components
• Compatible with USB or AC-Adapter Charging
• 5mm × 5mm, Thin-QFN (TQFN55-40) Package
    − Only 0.75mm Height
    − RoHS Compliant

APPLICATIONS
• Personal Navigation Devices
• Portable Media Players
• Smart Phones




Similar Part No. - ACT8810

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8810QJ1C1-T ACTIVE-SEMI-ACT8810QJ1C1-T Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
More results


Similar Description - ACT8810

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
141Kb / 2P
Six Channel ActivePath??Power Management IC
12-Mar-09
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
Nine Channel ActivePath??Power Management IC
24-Sep-09
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com