Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet (PDF) - Active-Semi, Inc

ACT8828 Datasheet PDF - Active-Semi, Inc
Part # ACT8828
Download  ACT8828 Download
File Size   141.52 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Six Channel ActivePath??Power Management IC

ACT8828 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8828 Datasheet PDF - Active-Semi, Inc

Part # ACT8828
Download  ACT8828 Click to download

File Size   141.52 Kbytes
Page   2 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Six Channel ActivePath??Power Management IC

ACT8828 Datasheet (HTML) - Active-Semi, Inc


ACT8828 Product details

GENERAL DESCRIPTION
The patent-pending ACT8828 is a complete, cost effective, highly-efficient ActivePMUTM power management solution that is ideal for a wide range of high performance portable handheld applications such as personal navigation devices (PNDs). This device integrates the ActivePath complete battery charging and management system with four power supply channels.
   
FEATURES
• ActivePathTM Li+ Charger with System Power
    Selection
• Four Integrated Regulators:
    − 1.3A High Efficiency Step-Down DC/DC
    − 1.0A High Efficiency Step-Down DC/DC
    − 0.55A High Efficiency Step-Down DC/DC
    − 30V Step-Up DC/DC for up to 7s × 3p WLEDs
• I2CTM Serial Interface
• Minimal External Components
• Compatible with USB or AC-Adapter Charging
• 5×5mm, Thin-QFN (TQFN55-40) Package
    − Only 0.75mm Height
    − RoHS Compliant
   
APPLICATIONS
• Personal Navigation Devices
• Portable Media Players
• Smart Phones
   




Similar Part No. - ACT8828

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
639Kb / 49P
Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
666Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828QJ1D2-T ACTIVE-SEMI-ACT8828QJ1D2-T Datasheet
639Kb / 49P
Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
More results


Similar Description - ACT8828

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
Nine Channel ActivePath??Power Management IC
24-Sep-09
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8828 ACTIVE-SEMI-ACT8828_09 Datasheet
639Kb / 49P
Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com