Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePath??Power Management IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8828 Datasheet HTML 1Page - Active-Semi, Inc ACT8828 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Product Brief, 12-Mar-09
Advanced Information―All Information Subject to Change
SYSTEM BLOCK DIAGRAM
Active-Semi
Six Channel ActivePath
TM Power Management IC
OUT3
Adjustable, or
0.8V to 4.4V
Up to 0.55A
OUT4
Up to 30V
7s x 3p WLEDs
System
Control
nIRQ
ON1
ON4
ON2
nPBIN
ActivePath
TM
&
Single-Cell Li+
Battery Charger
Li+ Battery
Programmable
Up to 1A
VSYS
CHG_IN
CHGLEV
DCCC
OUT2
Adjustable, or
0.8V to 4.4V
Up to 1.0A
nSTAT
ACIN
nRSTO
SCL
SDA
VSEL
ISET
REG3
Step-Down
DC/DC
REG4
Step-Up
DC/DC
REG2
Step-Down
DC/DC
OUT1
Adjustable, or
0.8V to 4.4V
Up to 1.3A
REG1
Step-Down
DC/DC
ACT8828
TM
PMU
PMU
Active
ON3
FEATURES
Six Functions Integrated Into One Package:
 ActivePathTM Li+ Charger and System Power
Selection
 1.3A High Efficiency Step-Down DC/DC
 1.0A High Efficiency Step-Down DC/DC
 0.55A High Efficiency Step-Down DC/DC
 30V Step-Up DC/DC for up to 7s × 3p WLEDs
I2CTM Serial Interface
Minimal External Components
Compatible with USB or AC-Adapter Charging
55mm, Thin-QFN (TQFN55-40) Package
 Only 0.75mm Height
 RoHS Compliant
APPLICATIONS
Personal Navigation Devices
Portable Media Players
Smart Phones
GENERAL DESCRIPTION
The patent-pending ACT8828 is a complete, cost
effective,
highly-efficient
ActivePMU
TM
power
management solution that is ideal for a wide range of
high performance portable handheld applications such
as personal navigation devices (PNDs). This device
integrates the ActivePath complete battery charging and
management system with four power supply channels.
The ActivePath architecture automatically selects the
best available input supply for the system. If the
external input source is not present or the system load
current is more than the input source can provide, the
ActivePath supplies additional current from the battery
to the system. The charger is a complete, thermally-
regulated, stand-alone single-cell linear Li+ charger
that incorporates an internal power MOSFET.
REG1, REG2, and REG3 are three independent,
fixed-frequency, current-mode step-down DC/DC
converters that output 1.3A, 1.0A, and 0.55A,
respectively. REG4 is a fixed-frequency, step-up
DC/DC converter that safely and efficiently biases
strings of up to 7 white-LEDs (up to a total of 21
LEDs) for display backlight applications. Finally, an
I
2C serial interface provides programmability for the
DC/DC converters.
Tiny 5mm × 5mm 40-pin Thin-QFN package that is
just 0.75mm thin.


Similar Part No. - ACT8828

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
639Kb / 49P
Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
666Kb / 13P
Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828QJ1D2-T ACTIVE-SEMI-ACT8828QJ1D2-T Datasheet
639Kb / 49P
Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
More results

Similar Description - ACT8828

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8770 ACTIVE-SEMI-ACT8770 Datasheet
111Kb / 2P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
19-Feb-08
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
Nine Channel ActivePath??Power Management IC
24-Sep-09
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
ACT8828 ACTIVE-SEMI-ACT8828_09 Datasheet
639Kb / 49P
Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8796 ACTIVE-SEMI-ACT8796_09 Datasheet
692Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 2, 16-Nov-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com