Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY888C Datasheet (PDF) - NXP Semiconductors

CGY888C Datasheet PDF - NXP Semiconductors
Part # CGY888C
Download  CGY888C Download
File Size   58.16 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 34 dB, 870 MHz GaAs push-pull forward amplifier

CGY888C Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY888C Datasheet PDF - NXP Semiconductors

Part # CGY888C
Download  CGY888C Click to download

File Size   58.16 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 34 dB, 870 MHz GaAs push-pull forward amplifier

CGY888C Datasheet (HTML) - NXP Semiconductors




Similar Part No. - CGY888C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY888C NXP-CGY888C Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - CGY888C

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
Rev 1.0
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com