Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-7834-KC Datasheet (PDF) - NEC

MC-7834-KC Datasheet PDF - NEC
Part # MC-7834-KC
Download  MC-7834-KC Download
File Size   86.58 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER

MC-7834-KC Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7834-KC Datasheet PDF - NEC

Part # MC-7834-KC
Download  MC-7834-KC Click to download

File Size   86.58 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER

MC-7834-KC Datasheet (HTML) - NEC


MC-7834-KC Product details

DESCRIPTION
NECs MC-7834-KC is a GaAs Multi-Chip Module designed for use as input stages in CATV applications up to 870 MHz. Because this unit is a GaAs device, it has low distortion, low noise figure, and low return loss across the entire frequency band. The MC-7834-KC is similar to NECs standard push-pull devices, but with the higher current allows better distortion performance, especially X-Mod.

FEATURES
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN: MC-7834-KC - GL = 21 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
    Withstands environmental extremes as well as Silicon devices (Surge, ESD, Etc.)

APPLICATIONS
• CATV HEADEND SYSTEMS
• CATV OPTICAL NODES
• CATV DISTRIBUTION AMPS




Similar Part No. - MC-7834-KC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC Datasheet
234Kb / 3P
NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7834-KC-AZ CEL-MC-7834-KC-AZ Datasheet
234Kb / 3P
NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
More results


Similar Description - MC-7834-KC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
07/08/2003
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
Rev 1.0
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
NXP Semiconductors
CGY888C NXP-CGY888C Datasheet
58Kb / 7P
34 dB, 870 MHz GaAs push-pull forward amplifier
Rev. 03-14 October 2009
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com