Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXA6400A Datasheet (PDF) - Freescale Semiconductor, Inc

MPXA6400A Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXA6400A
Download  MPXA6400A Download
File Size   189.32 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Temperature Accuracy Integrated Silicon Pressure Sensor

MPXA6400A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXA6400A Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXA6400A
Download  MPXA6400A Click to download

File Size   189.32 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Temperature Accuracy Integrated Silicon Pressure Sensor

MPXA6400A Datasheet (HTML) - Freescale Semiconductor, Inc


MPXA6400A Product details

High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned, Temperature Compensated and Calibrated

The Freescale MPXxx6400A series sensor integrates on-chip, bipolar op amp circuitry and thin film resistor networks to provide a high output signal and temperature compensation. The small form factor and high reliability of on-chip integration make the Freescale pressure sensor a logical and economical choice for the system designer.
The MPXxx6400A series piezoresistive transducer is a state-of-the-art, monolithic, signal conditioned, silicon pressure sensor. This sensor combines advanced micromachining techniques, thin film metallization, and bipolar semiconductor processing to provide an accurate, high level analog output signal that is proportional to applied pressure.

Features
• Improved Accuracy at High Temperature
• Available in Small and Super Small Outline Packages
• 1.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated from -40° to +125°C
• Durable Thermoplastic (PPS) Surface Mount Package

Application Examples
• Industrial Controls
• Engine Control/Manifold Absolute Pressure (MAP)/Liquefied Petroleum Gas (LPG)




Similar Part No. - MPXA6400A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
INTEGRATED PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXA6115A FREESCALE-MPXA6115A Datasheet
288Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A Datasheet
304Kb / 16P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXA6115A NXP-MPXA6115A Datasheet
385Kb / 20P
MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
More results


Similar Description - MPXA6400A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
High Temperature Accuracy integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A Datasheet
288Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
High Temperature Accuracy Integrated Silicon Pressure Sensor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com