Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV5050V Datasheet (PDF) - Freescale Semiconductor, Inc

MPXV5050V Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXV5050V
Download  MPXV5050V Download
File Size   96.39 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Temperature Accuracy Integrated Silicon Pressure Sensor

MPXV5050V Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXV5050V Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXV5050V
Download  MPXV5050V Click to download

File Size   96.39 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Temperature Accuracy Integrated Silicon Pressure Sensor

MPXV5050V Datasheet (HTML) - Freescale Semiconductor, Inc


MPXV5050V Product details

High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure,

On-Chip Signal Conditioned, Temperature Compensated and Calibrated

-50 to 0 kPa (-7.25 to 0 psi) 0.1 to 4.6 V Output



The MPXV5050V series sensor integrates on-chip, bipolar op amp circuitry and thin film resistor networks to provide a high output signal and temperature compensation. The small form factor and high reliability of on-chip integration make the Freescale Semiconductor, Inc. pressure sensor a logical and economical choice for the system designer.

The MPXV5050V series piezoresistive transducer is a state-of-the-art, monolithic, signal conditioned, silicon pressure sensor. This sensor combines advanced micromachining techniques, thin film metallization, and bipolar semiconductor processing to provide an accurate, high level analog output signal that is proportional to applied pressure.



Features

• 2.5% Maximum Error over 0°to 85°C

• Ideally suited for Microprocessor or Microcontroller-Based Systems

• Temperature Compensated from Over -40°to +125°C

• Patented Silicon Shear Stress Strain Gauge

• Durable Thermoplastic (PPS) Surface Mount Package

• Easy-to-Use Chip Carrier Option

• Ideal for Automotive and Non-Automotive Applications



Application Examples

• Vacuum Pump Monitoring




Similar Part No. - MPXV5050V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV5050VC6T1 FREESCALE-MPXV5050VC6T1 Datasheet
182Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV5050VC6T1 NXP-MPXV5050VC6T1 Datasheet
230Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Vacuum/Gauge Pressure, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 3, 12/2018
More results


Similar Description - MPXV5050V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
High Temperature Accuracy integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A Datasheet
288Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
High Temperature Accuracy Integrated Silicon Pressure Sensor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com